Part Number Hot Search : 
UPB428C RB520 20680 CXA1219M MJE13007 AN440 74AUP1 61713
Product Description
Full Text Search
 

To Download PBPC1004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PBPC1001-PBPC1007
Vishay Lite-On Power Semiconductor
10A Bridge Rectifier
Features
D D D D D D
Diffused junction High current capability Surge overload rating to 150A peak High case dielectric strength of 1500V Ideal for printed circuit board applications Plastic material has underwriters laboratory flammability classification 94V-0
14 404
D UL Listed under recognized component index,
file number E95060
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type Symbol PBPC1001 VRRM PBPC1002 =VRWM =VR V PBPC1003 PBPC1004 PBPC1005 PBPC1006 PBPC1007 IFSM IFAV IFAV Tj=Tstg Value 50 100 200 400 600 800 1000 150 10 8 -65...+125 Unit V V V V V V V A A A
Peak forward surge current Average forward current
TC=50C, mounted on metal chassis TC=50C, mounted on PC board FR-4 material
Junction and storage temperature range
C
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current I2t Rating for fusing Diode capacitance Thermal resistance junction to case Test Conditions IF=5A TC=25C TC=100C VR=4V, f=1MHz Type Symbol VF IR IR I2t CD RthJC Min Typ Max 1.1 10 1 64 Unit V
mA
mA A2s pF K/W
110 7.5
Rev. A2, 24-Jun-98
1 (4)
PBPC1001-PBPC1007
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
IFAV - Average Forward Current ( A ) 10 8
Mounted on Metal chassis
IFSM - Peak Forward Surge Current ( A )
150 125 100 75 50 25 0
Tj = 50C Single Half Sine-Wave (JEDEC Method)
6
Mounted on PC Board
4
2
Resistive or inductive load
0
15721
25
50
75
100
125
15723
1.0
10 Number of Cycles at 60 Hz
100
Tamb - Ambient Temperature ( C )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
10
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
10 IR - Reverse Current ( m A )
Tj = 100C
IF - Forward Current ( A )
1.0
1.0
0.1
0.1
Tj = 25C
0.01 0
15722
Tj = 25C IF Pulse Width = 300 s
0.4
0.8
1.2
1.6
15724
0.01
0
40
80
120
VF - Forward Voltage ( V )
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Typ. Forward Current vs. Forward Voltage
Figure 4. Typ. Reverse Current vs. Percent of Rated Peak Reverse Voltage
2 (4)
Rev. A2, 24-Jun-98
PBPC1001-PBPC1007
Vishay Lite-On Power Semiconductor Dimensions in mm
14479
Case: molded plastic body Polarity: marked on body Approx. weight: 3.8 grams Mounting: through hole for #6 screw Mounting torque: 5.0 Inch-pounds maximum Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
PBPC1001-PBPC1007
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of PBPC1004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X